|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
POWER TRANSFORMER 1. CONFIGURATION & DIMENSIONS : H 1.041 (0.041) W B A-8 A-8 DPC20-1200 (F) SERIES A-8 B 8 7 6 5 1 2 3 4 L A-8 A-8 4.76 (0.188) PC TERMINAL (PLUG-IN MOUNTING) TYPE DPC 8 PINS PCB Pattern UNIT : mm (inch) WT. B 53.34 (2.100) (gram) 474.87 OPTIONAL BRACKET * NO. 24-BR MW 34.93 (1.375) MD 50.80 (2.000) SIZE (VA) 24 L 41.28 (1.625) W 57.90 (2.280) H 34.93 (1.375) A-8 8 PIN 6.35 (0.250) 2. SCHEMATIC : 1 5 1 5 230V 2 PRI 3 6 7 2 3 115V PRI 4 Eo 6 7 Eo 4 Series Connected 8 8 Parallel Connected 3. ELECTRICAL CHARACTERISTICS ( @ 25C ) : a. Primary Voltage b. No Load Primary Current c. Secondary Voltage (5%) d. Secondary Load Current e. Full Load Primary Current f. Full Load Secondary Voltage (5%) g. DC Resistance Pin 1-2 Pin 3-4 Pin 5-6 Pin 7-8 h. Insulation Resistance i. Withstand Voltage (Hi-Pot) j. Temperature Rise k. Core Size l. Turns & Wire Gauge Primary-1 Pin 1-2 Primary-2 Pin 3-4 Secondary-1 Pin 5-6 Secondary-2 Pin 7-8 AC 115/230 V 50/60 Hz . Less Than 50/60mA . Series AC 24.90 V . Parallel AC 12.45 V . Series 1200mA . Parallel 2400mA . Less Than 295mA / 155mA . Series 20.00V . Parallel 10.00V . Primary-1 = 65.80 Ohm . Primary-2 = 72.50 Ohm . Secondary = 0.96 Ohm . = 1.05 Ohm . DC 500V 100Meg Ohm Of More . AC 1500V 60Hz 1 Minutes . Less Than 60 Deg C . EI-41 x 39.00 m/m . 672 672 73 73 Turns Diameter Turns Diameter Turns Diameter Turns Diameter 0.16 0.16 0.50 0.50 m/m . m/m . m/m . m/m . NOTE : Specifications subject to change without notice. Please check our website for latest information. 17.03.2008 SUPERWORLD ELECTRONICS (S) PTE LTD PG. 1 |
Price & Availability of DPC20-1200 |